Part Number Hot Search : 
30100 IT1336E HPR717 VQFP1441 MAX3956 30122 LHI958 SP6643
Product Description
Full Text Search
 

To Download DSSK80-0008D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DSSK 80-0008D
Power Schottky Rectifier
with common cathode
IFAV = 2x40 A VRRM = 8 V V F = 0.23 V
VRSM V 8
VRRM V 8
Type
A
C
A
TO-247 AD
DSSK 80-0008D
A C A
C (TAB)
A = Anode, C = Cathode , TAB = Cathode
Symbol IFRMS IFAV IFAV IFSM EAS IAR (dv/dt)cr TVJ TVJM Tstg Ptot Md Weight
Conditions TC = 135C; rectangular, d = 0.5 TC = 135C; rectangular, d = 0.5; per device TVJ = 45C; tp = 10 ms (50 Hz), sine IAS = 40 A; L = 100 H; TVJ = 25C; non repetitive VA = 1.5 * VRRM typ.; f = 10 kHz; repetitive
Maximum Ratings 70 40 80 600 80 4 1000 -55...+150 150 -55...+150 A A A A mJ A V/s C C C W Nm g
Features * * * * * International standard package Very low VF Extremely low switching losses Low IRM-values Epoxy meets UL 94V-0
Applications * Rectifiers in switch mode power supplies (SMPS) * Free wheeling diode in low voltage converters
TC = 25C mounting torque typical
155 0.8...1.2 6
Advantages * High reliability circuit operation * Low voltage peaks for reduced protection circuits * Low noise switching * Low losses
Symbol IR VF
Conditions TVJ = 25C; VR = VRRM TVJ = 100C; VR = VRRM IF = 40 A; IF = 40 A; IF = 80 A; TVJ = 125C TVJ = 25C TVJ = 125C
Characteristic Values typ. max. 200 1500 0.23 0.34 0.35 0.8 0.25 mA mA V V V K/W K/W
Dimensions see Outlines.pdf
RthJC RthCH
Pulse test: Pulse Width = 5 ms, Duty Cycle < 2.0 % Data according to IEC 60747 and per diode unless otherwise specified
IXYS reserves the right to change limits, test conditions and dimensions.
(c) 2004 IXYS All rights reserved
1-2
419
DSSK 80-0008D
100 A IF IR 1
TVJ = 150C 125C 25C
100 A 10
TVJ = 150C
10000 pF
125C 100C
CT 5000
75C
0.1
50C 25C TVJ= 25C
10 0.0
0.01 0.2 0.4 V VF 0.6 0 2 4 6 VR 8 V 10
3000 0 2 4 6 VR 8 V 10
Fig. 1 Maximum forward voltage drop characteristics
80 A 70 IF(AV) 60 50 40 30 20 10 0 0 40 80 120 TC 160 C d = 0.5 DC
Fig. 2 Typ. value of reverse current IR versus reverse voltage VR
25 W 20 P(AV) 15 d= DC 0.5 0.33 0.25 0.17 0.08
Fig. 3 Typ. junction capacitance CT versus reverse voltage VR
A IFSM
10
5
0 0 10 20 30 40 50 IF(AV) 60 A tP s
Fig. 4 Average forward current IF(AV) versus case temperature TC
Fig. 5 Forward power loss characteristics
1 K/W
ZthJC
D = 0.5 0.33 0.25 0.17 Single Pulse
0.1
0.08
DSSK 80-0008D
0.001
0.01
0.1
1 t
s
10
Fig. 6 Transient thermal impedance junction to case at various duty cycles
IXYS reserves the right to change limits, test conditions and dimensions.
Note: All curves are per diode
419
(c) 2004 IXYS All rights reserved
2-2


▲Up To Search▲   

 
Price & Availability of DSSK80-0008D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X